unisonic technologies co., ltd tip42c pnp planar transistor www.unisonic.com.tw 1 of 3 copyright ? 2012 unisonic technologies co., ltd qw-r203-007.e pnp epitaxial planar transistor ? description the utc tip42c is a pnp epitaxial planar transistor, designed for using in general purpose amplifier and switching applications. ? features * complement to tip41c ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 tip42cl-ta3-t TIP42CG-TA3-T to-220 b c e tube tip42cl-tf3-t tip42cg-tf3-t to-220f b c e tube tip42cl-tn3-r tip42cg-tn3-r to-252 b c e tape reel tip42cl-tn3-t tip42cg-tn3-t to-252 b c e tube tip42cl-tq2-r tip42cg-tq2-r to-263 b c e tape reel tip42cl-tq2-t tip42cg-tq2-t to-263 b c e tube
tip42c pnp planar transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r203-007.e ? absolute maximum rating (unless otherwise specified ) parameter symbol ratings unit collector base voltage v cbo -100 v collector to emitter voltage v ceo -100 v emitter-base voltage v ebo -5 v collector current (dc) i c -6 a collector current (pulse) i c -10 a base current i b -2 a collector dissipation (t c =25c) to-220/to-263 p c 65 w to-220f 22 to-252 20 junction temperature t j +150 c storage temperature t stg -65 ~ +150 c note absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t c =25c) parameter symbol test conditions min typ max unit collector-emitter breakdown voltage (note) bv ceo i c =-30ma, i b =0 -100 v collector cutoff current i ceo v ce =-60v, i b =0 -0.7 ma collector cutoff current i ces v ce =-100v, v eb =0 -400 a emitter cutoff current i ebo v be =-5v, i c =0 -1 ma collector-emitter saturati on voltage (note) v ce ( sat ) i c =-6a, i b =-600ma -1.5 v base-emitter on voltage (note) v be ( on ) v ce =-4v, i c =-6a, -2.0 v dc current gain (note) h fe v ce =-4v, i c =-300ma 30 v ce =-4v, i c =-3a 15 75 current gain bandwidth product f t v ce =-10v, i c =-500ma, f=1mhz 3 mhz note: pulse test: p w 300 s, duty cycle 2%
tip42c pnp planar transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r203-007.e ? typical characteristics dc current gain, h fe saturation voltage, v ce(sat) v be(sat) power derating 04060 80 120 160 20 40 60 100 collector dissipation, p c (w) 140 80 case temperature, t c ( ) 20 100 180200 safe operating area -1 -3 -5 -10 -30 -50 -100 collector-emitter voltage, v ce (v) -0.1 -0.3 -0.5 -1 -3 -5 -10 collector current, i c (a) i c max (pulse) 1 m s 0 . 5 m s 5 m s to-252 to-220/to-263 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
|